Part Number Hot Search : 
CAT4101 A0100 SDR9510 S4380 BTA08 MAX9655 SF2N6296 P2300
Product Description
Full Text Search
 

To Download MAX4622CPE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1497; Rev 0; 8/99
Dual, 5 Analog Switches
General Description
The MAX4621/MAX4622/MAX4623 are precision, dual, high-speed analog switches. The single-pole/singlethrow (SPST) MAX4621 and double-pole/single-throw (DPST) MAX4623 dual switches are normally open (NO). The single-pole/double-throw (SPDT) MAX4622 has two normally closed (NC) and two NO poles. All three parts offer low 5 on-resistance guaranteed to match to within 0.5 between channels and to remain flat over the full analog signal range (0.5 max). They also offer low leakage (<500pA at +25C, <5nA at +85C) and fast switching times (turn-on time <250ns, turn-off time <200ns). These analog switches are ideal in low-distortion applications and are the preferred solution over mechanical relays in automatic test equipment or applications where current switching is required. They have low power requirements, use less board space, and are more reliable than mechanical relays. The MAX4621/MAX4622/MAX4623 are pin-compatible replacements for the DG401/DG403/DG405, respectively, offering improved overall performance. These monolithic switches operate from a single positive supply (+4.5V to +36V) or with bipolar supplies (4.5V to 18V) while retaining CMOS-logic input compatibility.
Features
o Low On-Resistance: 3 (typ), 5 (max) o Guaranteed RON Match Between Channels (0.5 max) o Guaranteed Break-Before-Make Operation (MAX4622) o Guaranteed Off-Channel Leakage <5nA at +85C o Single-Supply Operation (+4.5V to +36V) Bipolar-Supply Operation (4.5V to 18V) o TTL/CMOS-Logic Compatible o Rail-to-Rail(R) Analog Signal Handling Capability o Pin Compatible with DG401/DG403/DG405
MAX4621/MAX4622/MAX4623
Applications
Reed Relay Replacement Test Equipment Communication Systems Data-Acquisition Systems Military Radios PBX, PABX Systems Audio-Signal Routing Avionics
Ordering Information
PART MAX4621CSE MAX4621CPE TEMP. RANGE 0C to +70C 0C to +70C PIN-PACKAGE 16 Narrow SO 16 Plastic DIP
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Ordering Information continued at end of data sheet.
Pin Configurations/Functional Diagrams/Truth Tables
TOP VIEW
COM1 1 N.C. 2 N.C. 3 N.C. 4 N.C. 5 N.C. 6 N.C. 7 COM2 8 16 NO1 15 IN1 14 V13 GND COM1 1 N.C. 2 COM3 3 NC3 4 NC4 5 COM4 6 N.C. 7 COM2 8 16 NO1 15 IN1 14 V13 GND COM1 1 N.C. 2 COM3 3 NO3 4 NO4 5 COM4 6 N.C. 7 COM2 8 16 NO1 15 IN1 14 V13 GND
MAX4621
12 VL 11 V+ 10 IN2 9 NO2
MAX4622 12 VL
11 V+ 10 IN2 9 NO2
MAX4623 12 VL
11 V+ 10 IN2 9 NO2
SO/DIP
MAX4621 LOGIC SWITCH 0 1 OFF ON LOGIC 0 1
SO/DIP
MAX4622 SWITCHES 1, 2 SWITCHES 3, 4 OFF ON ON OFF
SO/DIP
MAX4623 LOGIC SWITCH 0 1 OFF ON
SWITCHES SHOWN FOR LOGIC "0" INPUT ________________________________________________________________ Maxim Integrated Products 1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
Dual, 5 Analog Switches MAX4621/MAX4622/MAX4623
ABSOLUTE MAXIMUM RATINGS
(Voltages Referenced to GND) V+ to GND ..............................................................-0.3V to +44V V- to GND ...............................................................+0.3V to -44V V+ to V-...................................................................-0.3V to +44V VL to GND.....................................................-0.3V to (V+ + 0.3V) All Other Pins to GND (Note 1) ........... (V- - 0.3V) to (V+ + 0.3V) Continuous Current (COM_, NO_, NC_) ........................100mA Peak Current (COM_, NO_, NC_) (pulsed at 1ms, 10% duty cycle) ............................... 300mA Continuous Power Dissipation (TA = +70C) Narrow SO (derate 8.70mW/C above +70C) .............696mW Narrow DIP (derate 10.53mW/C above +70C) ..........842mW Operating Temperature Ranges MAX462_C_ _ ......................................................0C to +70C MAX462_E_ _....................................................-40C to +85C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec) .............................+300C
Note 1: Signals on NO_, NC_, or COM_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--Dual Supplies
(V+ = +15V, V- = -15V, VL = +5V, GND = 0, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER ANALOG SWITCH Input Voltage Range (Note 3) On-Resistance On-Resistance Match Between Channels (Notes 3, 4) On-Resistance Flatness (Notes 3, 5) Off-Leakage Current (NO_ or NC_) (Note 6) COM_ Off-Leakage Current (Note 6) COM_ On-Leakage Current (Note 6) LOGIC INPUT Input Current with Input Voltage High Input Current with Input Voltage Low Logic Input Voltage High Logic Input Voltage Low IINH IINL VINH VINL VIN_ = 2.4V VIN_ = 0.8V -0.5 -0.5 2.4 0.8 0.001 0.001 0.5 0.5 A A V V VCOM_, VNO_, VNC_ RON ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA; VNO_ or VNC_ = -5V, 0, 5V VNO_ or VNC_ = 10V, - VCOM_ = +10V VCOM_ = 10V, - VNO_ or VNC_ = +10V VCOM_ = 10V, - VNO_ or VNC_ = +10V or floating TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX -0.5 -5 -0.5 -5 -1 -10 0.02 0.01 0.01 0.2 0.25 V3 V+ 5 7 0.5 0.7 0.5 0.7 0.5 5 0.5 5 1 nA 10 nA nA V SYMBOL CONDITIONS MIN TYP MAX UNITS
RON
RFLAT(ON)
INO_, INC_ ICOM_(OFF)
ICOM_(ON)
2
_______________________________________________________________________________________
Dual, 5 Analog Switches
ELECTRICAL CHARACTERISTICS--Dual Supplies (continued)
(V+ = +15V, V- = -15V, VL = +5V, GND = 0, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER POWER SUPPLY Power-Supply Range Positive Supply Current Negative Supply Current Logic Supply Current Ground Current I+ IIL IGND VIN_ = 0 or 5V VIN_ = 0 or 5V VIN_ = 0 or 5V VIN_ = 0 or 5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 5 25 480 -62 -60 34 34 150 90 4.5 -0.5 -5 -0.5 -5 -0.5 -5 -0.5 -5 120 0.001 0.001 0.001 0.001 20.0 0.5 5 0.5 5 0.5 5 0.5 5 250 325 200 275 V A A A A SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX4621/MAX4622/MAX4623
SWITCH DYNAMIC CHARACTERISTICS Turn-On Time Turn-Off Time Break-Before-Make Time Delay (MAX4622 only) Charge Injection Off-Isolation (Note 7) Crosstalk (Note 8) NC_ or NO_ Capacitance COM_ Off-Capacitance On-Capacitance tON tOFF tD Q VISO VCT COFF CCOM CCOM VCOM_ = 10V, Figure 2 VCOM_ = 10V, Figure 2 ns ns ns pC dB dB pF pF pF
VCOM_ = 10V, Figure 3, TA = +25C CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 4, TA = +25C RL = 50, f = 1MHz, Figure 5, TA = +25C RL = 50, f = 1MHz, Figure 6, TA = +25C f = 1MHz, Figure 7, TA = +25C f = 1MHz, Figure 7, TA = +25C f = 1MHz, Figure 8, TA = +25C
_______________________________________________________________________________________
3
Dual, 5 Analog Switches MAX4621/MAX4622/MAX4623
ELECTRICAL CHARACTERISTICS--Single Supply
(V+ = +12V, V- = 0, VL = +5V, GND = 0, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are TA = +25C.) (Note 2) PARAMETER ANALOG SWITCH Input Voltage Range (Note 3) On-Resistance On-Resistance Match Between Channels (Notes 3, 4) On-Resistance Flatness (Notes 3, 5) NO_ or NC_ Off-Leakage Current (Notes 6, 9) COM_ Off-Leakage Current (Notes 6, 9) COM_ On-Leakage Current (Notes 6, 9) LOGIC INPUT Input Current with Input Voltage High Input Current with Input Voltage Low Logic Input Voltage High Logic Input Voltage Low POWER SUPPLY Power-Supply Range Positive Supply Current Logic Supply Current Ground Current I+ IL IGND VIN_ = 0 or 5V VIN_ = 0 or 5V VIN_ = 0 or 5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 4.5 -0.5 -5 -0.5 -5 -0.5 -5 0.001 0.001 0.001 36.0 0.5 5 0.5 5 0.5 5 V A A A IINH IINL VINH VINL VIN_ = 2.4V VIN_ = 0.8V -0.5 -0.5 2.4 0.8 0.001 0.001 0.5 0.5 A A V V VCOM_, VNO_, VNC_ RON ICOM_ = 10mA, VNO_ or VNC_ = 10V TA = +25C TA = TMIN to TMAX 0.2 GND 5.5 V+ 8 10 0.5 V SYMBOL CONDITIONS MIN TYP MAX UNITS
RON
ICOM_ = 10mA, VNO_ or VNC_ = 10V, TA = +25C ICOM_ = 10mA; VNO_ or VNC_ = 3V, 6V, 9V; TA = +25C TA = +25C VCOM_ = 1V, 10V; VNO_ or VNC_ = 10V, 1V TA = TMIN to TMAX VCOM_ = 10V, 1V; VNO_ or VNC_ = 1V, 10V VCOM_ = 10V, 1V; VNO_ or VNC_ = 10V, 1V, or floating TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX -0.5 -5 -0.5 -5 -1 -10
RFLAT(ON) INO_(OFF), INC_(OFF) ICOM_(OFF)
0.9 0.01 0.01
1.3 0.5 5 0.5 5
nA nA
0.02
1 nA 10
ICOM_(ON)
4
_______________________________________________________________________________________
Dual, 5 Analog Switches
ELECTRICAL CHARACTERISTICS--Single Supply (continued)
(V+ = +12V, V- = 0, VL = +5V, GND = 0, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are TA = +25C.) (Note 2) PARAMETER SYMBOL CONDITIONS TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 10 75 45 -62 -60 100 MIN TYP 200 MAX 350 475 200 300 UNITS SWITCH DYNAMIC CHARACTERISTICS Turn-On Time (Note 3) Turn-Off Time (Note 3) Break-Before-Make Time Delay (MAX4622 only) (Note 3) Charge Injection Off-Isolation (Note 7) Crosstalk (Note 8) tON tOFF VCOM_ = 10V, Figure 2 VCOM_ = 10V, Figure 2 ns ns
MAX4621/MAX4622/MAX4623
tD Q VISO VCT
RL = 100, CL = 35pF, Figure 3, TA = +25C CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 4 RL = 50, f = 1MHz, Figure 5 RL = 50, f = 1MHz, Figure 6
ns pC dB dB
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value is a maximum, is used in this data sheet. Note 3: Guaranteed by design. Note 4: RON = RON_MAX - RON_MIN. Note 5: Flatness is defined as the difference between the maximum and minimum values of on-resistance as measured over the specified analog signal range. Note 6: Leakage currents are 100% tested at the maximum-rated hot temperature and guaranteed by correlation at +25C. Note 7: Off-isolation = 20log10 [VCOM_ / (VNC_ or VNO_)]. VCOM_ = output, VNC_ or VNO_ = input to off switch. Note 8: Between any two switches. Note 9: Leakage testing for single-supply operation is guaranteed by testing with dual supplies.
_______________________________________________________________________________________
5
Dual, 5 Analog Switches MAX4621/MAX4622/MAX4623
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM (DUAL SUPPLIES)
MAX4621/2/3-01
ON-RESISTANCE vs. VCOM AND TEMPERATURE (DUAL SUPPLIES)
MAX4621/2/3-02
ON-RESISTANCE vs. VCOM (SINGLE SUPPLY)
16 14 12 RON () V+ = 5V ICOM = 10mA V- = GND
MAX4621/2/3-03
7.0 6.5 6.0 5.5 RON () 5.0 4.5 4.0 3.5 3.0 2.5 2.0 -20 -15 -10 -5 0 VCOM (V) 5 10 15 V+, V- = 15V V+, V- = 20V ICOM = 10mA V+, V- = 5V
5.0 4.5 4.0 RON () 3.5 3.0 2.5 2.0 1.5
18
V+ = +15V, V- = -15V ICOM = 10mA TA = +85C
10 8 V+ = 12V V+ = 24V
TA = +25C
TA = -40C
6 4 2
20
-15
-10
-5
0 VCOM (V)
5
10
15
0
3
6
9
12 VCOM (V)
15
18
21
24
ON-RESISTANCE vs. VCOM AND TEMPERATURE (SINGLE SUPPLY)
MAX4621/2/3-04
ON/OFF-LEAKAGE CURRENT vs. TEMPERATURE
MAX4621/2/3-05
CHARGE INJECTION vs. VCOM
600 500 400 Q (pC) 300 200 100 0 -100 V+ = +12V V- = 0 V+ = +15V V- = -15V
MAX4621/2/3-06
8.0 7.5 7.0 6.5 RON () 6.0 5.5 5.0 4.5 4.0 3.5 3.0 0 2 4 6 VCOM (V) 8 10 TA = -40C TA = +25C ICOM = 10mA V+ = 12V, V- = GND TA = +85C
10k 1k 100 10 1 0.1 0.01 V+ = +15V V- = -15V
700
LEAKAGE (pA)
ON-LEAKAGE
OFF-LEAKAGE
-200 -40 -25 -10 5 20 35 50 65 80 95 -15 -10 -5 0 VCOM (V) 5 10 15 TEMPERATURE (C)
12
SUPPLY CURRENT vs. TEMPERATURE
MAX4621/2/3-07
FREQUENCY RESPONSE
0 -10 -20 -30 LOSS (dB) -40 -50 -60 -70 -80 OFF-ISOLATION ON-PHASE V+ = +15V V- = -15V ON-RESPONSE
MAX4621/2/3-08
10k 1k 100 I+, I- (nA) 10 1 0.1 0.01 0.001 -40 -25 -10 5 20 35 50 65 IV+ = +15V V- = -15V I+
180 90 0 PHASE (DEGREES) -90 -180 -270 -360 -450 -540 -630 -720
-90 -100 80 95 0.1 1 10 100 TEMPERATURE (C) FREQUENCY (MHz)
6
_______________________________________________________________________________________
Dual, 5 Analog Switches
Pin Description
PIN MAX4621 1, 8 2-7 9, 16 10, 15 11 12 13 14 MAX4622 1, 3, 6, 8 2, 7 4, 5, 9, 16 10, 15 11 12 13 14 MAX4623 1, 3, 6, 8 2, 7 4, 5, 9, 16 10, 15 11 12 13 14 COM_ N.C. NO_ IN2, IN1 V+ VL GND VSwitch Common Terminal Not internally connected Switch Normally Open Terminal Digital Logic Inputs Positive Supply-Voltage Input Logic Supply-Voltage Input Ground Negative Supply Voltage
V*INTERNAL PROTECTION DIODES
Applications Information
Operation with Supply Voltages Other than 15V
The MAX4621/MAX4622/MAX4623 switches operate with 4.5V to 18V bipolar supplies and a +4.5V to +36V single supply. In either case, analog signals ranging from V+ to V- can be switched. The Typical Operating Characteristics graphs show the typical on-resistance variation with analog signal and supply voltage.
MAX4621/MAX4622/MAX4623
NAME
FUNCTION
COM1, COM2 N.C. NO2, NO1 IN2, IN1 V+ VL GND V-
Switch Common Terminal Not internally connected Switch Normally Open Terminal Digital Logic Inputs Positive Supply-Voltage Input Logic Supply-Voltage Input Ground Negative Supply Voltage Input
Overvoltage Protection
Proper power-supply sequencing is recommended for all CMOS devices. It is important not to exceed the absolute maximum ratings because stresses beyond the listed ratings may cause permanent damage to the devices. Always sequence V+ on first, followed by VL, V-, and logic inputs. If power-supply sequencing is not possible, add two small signal diodes in series with the supply pins and a Schottky diode between V+ and VL (Figure 1). Adding diodes reduces the analog signal range to 1V below V+ and 1V above V-, but low switch resistance and low leakage characteristics are unaffected. The difference between V+ and V- should not exceed +44V.
COM_ N.C. NC_, NO_ IN2, IN1 V+ VL GND V-
Switch Common Terminal Not internally connected Switch Normally Closed/Open Terminal Digital Logic Inputs Positive Supply-Voltage Input Logic Supply-Voltage Input Ground Negative Supply Voltage Input
V+
VL NO_ Vg * * * *
MAX4621 MAX4622 MAX4623
COM_
Figure 1. Overvoltage Protection Using Blocking Diodes
_______________________________________________________________________________________
7
Dual, 5 Analog Switches MAX4621/MAX4622/MAX4623
+5V +15V V+ SWITCH INPUT IN1 LOGIC INPUT GND VV0 -15V VO = VCOM RL RL = RON VL COM_ V+ NC_ OR NO_ RL = 100 CL = 35pF VO SWITCH INPUT SWITCH OUTPUT SWITCH INPUT LOGIC INPUT
MAX4621 MAX4622 MAX4623
VCOM = +10V FOR tON VCOM = -10V FOR tOFF
+3V 50% 0
tr < 20ns tf < 20ns tOFF
VCOM
VO
0.9VO
0 tON VO -VANA LOGIC INPUT WAVEFORM IS INVERTED FOR SWITCHES THAT HAVE THE OPPOSITE LOGIC SENSE CONTROL. 0.9VO
REPEAT TEST FOR EACH SWITCH.
FOR LOAD CONDITIONS, SEE Electrical Characteristics. CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
Figure 2. Switching-Time Test Circuit
+5V VCOM_ = +10V VL COM_ NC_ COM_ IN_ LOGIC INPUT GND VRL2 CL2 VO2 RL1 CL1 SWITCH OUTPUT 0 VCOM VO2 0 -15V RL = 100 CL = 35pF SWITCH OUTPUT 0 tD tD 0.9VO V+ NO_ +15V
MAX4622
VO1
LOGIC INPUT
+3V 50% 0 VCOM VO1 0.9VO
CL INCLUDES FIXTURE AND STRAY CAPACITANCE. LOGIC 0 INPUT.
Figure 3. MAX4622 Break-Before-Make Test Circuit
+5V
+15V
VL RGEN COM
V+ NC_ OR NO_
MAX4621 MAX4622 MAX4623
VO CL VO IN_ ON
VO
VGEN
GND
V-
OFF
ON
0
-15V Q = (VO)(CL)
Figure 4. Charge-Injection Test Circuit
8 _______________________________________________________________________________________
Dual, 5 Analog Switches MAX4621/MAX4622/MAX4623
SIGNAL GENERATOR
MAX4621 MAX4622 MAX4623
C
+15V
+5V
C
V+ VCOM
VL
IN_ NC_ OR NO_ RL 100 GND V-
0, 2.4V
FREQUENCY TESTED 1MHz
SIGNAL GENERATOR AUTOMATIC SYNTHESIZER VCOM VNC OR VNO
ANALYZER TRACKING SPECTRUM ANALYZER
ANALYZER
C OFF-ISOLATION = 20LOG
-15V
Figure 5. Off-Isolation
SIGNAL GENERATOR
MAX4621 MAX4622 MAX4623
C
+15V
+5V
C
V+ COM_
VL NC_ OR NO_
50
0, 2.4V ANALYZER RL 100
IN_ IN_ NC_ OR NO_ GND COM_ VC
0, 2.4V
FREQUENCY TESTED 1MHz
SIGNAL GENERATOR AUTOMATIC SYNTHESIZER
ANALYZER TRACKING SPECTRUM ANALYZER
-15V
Figure 6. Crosstalk Test Circuit
+15V +5V +15V C C V+ V+ COM_ VL +5V C
C
MAX4621 MAX4622 MAX4623
V+ COM_
VL
MAX4621 MAX4622 MAX4623
IN_
CAPACITANCE METER
IN_ 0, 2.4V CAPACITANCE METER NC_ OR NO_ GND VC
0, 2.4V
GND
V-
C
-15V
-15V
Figure 7. Channel-On Capacitance
Figure 8. Channel-Off Capacitance
9
_______________________________________________________________________________________
Dual, 5 Analog Switches MAX4621/MAX4622/MAX4623
Ordering Information (continued)
PART MAX4621ESE MAX4621EPE MAX4622CSE MAX4622CPE MAX4622ESE MAX4622EPE MAX4623CSE MAX4623CPE MAX4623ESE MAX4623EPE TEMP. RANGE -40C to +85C -40C to +85C 0C to +70C 0C to +70C -40C to +85C -40C to +85C 0C to +70C 0C to +70C -40C to +85C -40C to +85C PIN-PACKAGE 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP
Chip Information
TRANSISTOR COUNT: 82
Package Information
SOICN.EPS
10
______________________________________________________________________________________
Dual, 5 Analog Switches
Package Information (continued)
PDIPN.EPS
MAX4621/MAX4622/MAX4623
______________________________________________________________________________________
11
Dual, 5 Analog Switches MAX4621/MAX4622/MAX4623
NOTES
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX4622CPE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X